Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIPI-CSI Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MIPI-CSI
Description  Evaluation Kit Based on i.MX 8M Quad Applications Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIPI-CSI Datasheet(HTML) 1 Page - NXP Semiconductors

  MIPI-CSI Datasheet HTML 1Page - NXP Semiconductors MIPI-CSI Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The i.MX 8M Quad EVK provides a platform for rapid
evaluation of the i.MX 8M Quad, i.MX 8M Dual and i.MX
8M QuadLite applications processors, utilizing 2 to 4x Arm®
Cortex®-A53 cores and 1x Cortex-M4 core. It offers high
performance with low power, flexible options for memory and
high-speed interfaces, as well as industry-leading audio and
video capabilities.
The board enables HDMI output for simple out-of-the-box
bring up. It has LPDDR4, eMMC, QSPI and SDMicro memory
options, 10/100/1000 Ethernet port, USB 3.0 connectors
and PCIe high-speed interfaces ideal for connected, high
performance embedded applications. For audio, video and
HMI evaluations, it brings HDMI 2.0a Type-A and MIPI-DSI
connectors, as well as 32-bit audio samples with up to 768
kHz sampling rate, an audio interface expansion connector
and a headphone 3.5 mm audio jack.
VIDEO AND GRAPHICS
The EVK integrated video and graphics capabilities decodes
most relevant video formats as h.264, h.265 and VP9, and
renders up to 4Kp60 video resolution with High Dynamic
Range (HDR), delivering more vibrant colors, contrast and
brightness. Applications like video streaming and digital
signage, among others, are evolving to these higher
standards.
HMI AND CONNECTIVITY
Today, Human Machine Interface (HMI) must respond
accurately, and in miliseconds, to touch screen and gesture
inputs. Connectivity is a must, demanding increasingly faster
and more reliable wired and wireless capabilities, associated
with security to protect sensitive data and privacy. The i.MX
8M Quad EVK provides capabilities for development of these
key functionalities.
TARGET APPLICATIONS
Human Machine Interface (HMI)
Building Automation
Smart Homes
Imaging and Scanning
Machine Vision
Video Streaming
Audio Streaming
The i.MX 8M Quad EVK has industry-leading audio and video capabilities for developing
high performance and flexible applications.
Evaluation Kit Based on i.MX 8M Quad
Applications Processors


Similar Part No. - MIPI-CSI

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
logo
VIGO Photonics S.A.
MIP VIGO-MIP Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100K VIGO-MIP-10-100K Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-100M VIGO-MIP-10-100M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
MIP-10-10M VIGO-MIP-10-10M Datasheet
748Kb / 3P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
18/03/2021
More results

Similar Description - MIPI-CSI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MDQLQCEC NXP-IMX8MDQLQCEC Datasheet
1Mb / 97P
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
Rev. 0.1, 05/2018
IMX8MDQLQIEC NXP-IMX8MDQLQIEC Datasheet
1Mb / 97P
i.MX 8M Dual / 8M QuadLite / 8M Quad Applications Processors
Rev. 0.1, 05/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
i.MX 8M Mini Applications Processor
IMX7ULPEVKFS NXP-IMX7ULPEVKFS Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
2018
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
Based on the i.MX 7ULP Applications Processor
2018
MCIMX6ULL-EVK NXP-MCIMX6ULL-EVK Datasheet
4Mb / 2P
Evaluation Kit Based on i.MX 6ULL Applications Processors
REV 2
IMX8MNANOULEVKFS NXP-IMX8MNANOULEVKFS Datasheet
235Kb / 2P
EVALUATION KIT BASED ON i.MX 8M NANO ULTRALITE APPLICATIONS PROCESSORS
REV 0
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC_V01 Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 3, 08/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com