Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL16-D-R Datasheet(PDF) 2 Page - Dialight Lumidrives Ltd.

Part # HL16-D-R
Description  HL16D On-Board Drive - Typical Connection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHTLUMIDRIVES [Dialight Lumidrives Ltd.]
Direct Link  
Logo DIALIGHTLUMIDRIVES - Dialight Lumidrives Ltd.

HL16-D-R Datasheet(HTML) 2 Page - Dialight Lumidrives Ltd.

  HL16-D-R Datasheet HTML 1Page - Dialight Lumidrives Ltd. HL16-D-R Datasheet HTML 2Page - Dialight Lumidrives Ltd. HL16-D-R Datasheet HTML 3Page - Dialight Lumidrives Ltd. HL16-D-R Datasheet HTML 4Page - Dialight Lumidrives Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical
Electrical
Power Consumption
3.6 watts
Maximum Current
350 mA constant current
Compatible Drivers
Diameter: 53mm
Height: 19 mm
X
195-265 VAC
1
MDE3-C-35/70
110 x 52 x 24 mm
X
230 VAC
2
MLD8-C-35/70
230 VAC
85 – 265 VAC
85 – 265 VAC
Supply Voltage
Via 0 – 10
volt
dimmer
X
X
Dimming
100 x 40 x 25 mm
3
MDU9-SC-35
100 x 40 x 25 mm
1
MDU4-SC-35
110 x 49 x 25 mm
4
MDE16-C-VRL
Dimensions
Maximum number of
HL16s connected
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com