Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL16-D-R Datasheet(PDF) 4 Page - Dialight Lumidrives Ltd.

Part # HL16-D-R
Description  HL16D On-Board Drive - Typical Connection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHTLUMIDRIVES [Dialight Lumidrives Ltd.]
Direct Link  
Logo DIALIGHTLUMIDRIVES - Dialight Lumidrives Ltd.

HL16-D-R Datasheet(HTML) 4 Page - Dialight Lumidrives Ltd.

  HL16-D-R Datasheet HTML 1Page - Dialight Lumidrives Ltd. HL16-D-R Datasheet HTML 2Page - Dialight Lumidrives Ltd. HL16-D-R Datasheet HTML 3Page - Dialight Lumidrives Ltd. HL16-D-R Datasheet HTML 4Page - Dialight Lumidrives Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wiring Diagrams
Optical Characteristics and Order Code Information
HL16 - D - XX
Colour
Typical Light Output
in Lumens/mW*
W
White
126
WW Warm White
72
B
Blue
612 mW
G
Green
126
R
Red
96
A
Amber
102
HL16 modules are supplied with:
OPAA- 3-WSL Triple wide sub-lens
*Full photometric data available on request.
Example of product code:
HL16-WW
HL16 warm white
HL16-D-R
HL16 Red with
onboard driver
Onboard driver option



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com