Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6311CB Datasheet(PDF) 3 Page - International Rectifier

Part # HIP6311CB
Description  500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HIP6311CB Datasheet(HTML) 3 Page - International Rectifier

  HIP6311CB Datasheet HTML 1Page - International Rectifier HIP6311CB Datasheet HTML 2Page - International Rectifier HIP6311CB Datasheet HTML 3Page - International Rectifier HIP6311CB Datasheet HTML 4Page - International Rectifier HIP6311CB Datasheet HTML 5Page - International Rectifier HIP6311CB Datasheet HTML 6Page - International Rectifier HIP6311CB Datasheet HTML 7Page - International Rectifier HIP6311CB Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRDCiP2001-A
Refer to the following application notes for detailed guidelines and suggestions when
implementing iPOWIR Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s
iPOWIR Technology BGA Packages
This paper discusses the assembly considerations that need to be taken when mounting iPOWIR BGA’s
on printed circuit boards. This includes soldering, pick and place, reflow, inspection, cleaning and
reworking recommendations.
AN-1029: Optimizing a PCB Layout for an iPOWIR Technology Design
This paper describes how to optimize the PCB layout design for both thermal and electrical performance.
This includes placement, routing, and via interconnect suggestions.
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the
operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
Figure 2 - Typical Efficiency vs. Current
80%
82%
84%
86%
88%
90%
92%
0
5
10
15
20
25
30
35
40
Output Current (A)
VIN = 12V
VOUT = 1.6V
TA = 25°C
fSW= 1MHz
fSW= 500kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com