Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6311CB Datasheet (PDF) - International Rectifier

HIP6311CB Datasheet PDF - International Rectifier
Part # HIP6311CB
Download  HIP6311CB Download
File Size   651.11 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001

HIP6311CB Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6311CB Datasheet PDF - International Rectifier

Part # HIP6311CB
Download  HIP6311CB Click to download

File Size   651.11 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001

HIP6311CB Datasheet (HTML) - International Rectifier


HIP6311CB Product details

Overview
In this document, table 1 and figure 1 are provided to enable engineers to easily evaluate the iP2001 in a 2-phase configuration that is capable of providing up to 40A in a lab environment without airflow. Figures 3, 4, 5 and 6 and the complete bill of materials in table 2 are provided as a reference design to enable engineers to very quickly and easily design a 2-phase converter. In order to optimize this design to your specific requirements refer to the data sheet for the controller listed in the bill of materials. A variety of other controllers may also be used, but the design will require layout and control circuit modifications.




Similar Part No. - HIP6311CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6311CB INTERSIL-HIP6311CB Datasheet
195Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 02
HIP6311CB INTERSIL-HIP6311CB Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311CB RENESAS-HIP6311CB Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6311CB-T INTERSIL-HIP6311CB-T Datasheet
195Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 02
HIP6311CBZ INTERSIL-HIP6311CBZ Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
More results


Similar Description - HIP6311CB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
IRDCIP2001-B IRF-IRDCIP2001-B Datasheet
648Kb / 8P
IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
logo
International Rectifier
IRDCIP2021C-1 IRF-IRDCIP2021C-1 Datasheet
1Mb / 12P
IRDCiP2021C-1: 500kHz, 40A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2021C and IR3623M
IRDCIP2021C-2 IRF-IRDCIP2021C-2 Datasheet
1Mb / 15P
IRDCiP2021C-2: 500kHz, 20A, Dual Output, 180o Out of Phase Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com