Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2001 Datasheet(PDF) 2 Page - International Rectifier

Part # IP2001
Description  500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2001 Datasheet(HTML) 2 Page - International Rectifier

  IP2001 Datasheet HTML 1Page - International Rectifier IP2001 Datasheet HTML 2Page - International Rectifier IP2001 Datasheet HTML 3Page - International Rectifier IP2001 Datasheet HTML 4Page - International Rectifier IP2001 Datasheet HTML 5Page - International Rectifier IP2001 Datasheet HTML 6Page - International Rectifier IP2001 Datasheet HTML 7Page - International Rectifier IP2001 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.irf.com
2
IRDCiP2001-A
Table 1 - PWM IC Voltage Identification Codes
Figure 1 - R4 vs. Frequency (per Phase)
VID4 VID3 VID2 VID1 VID0
VDAC
VID4 VID3 VID2 VID1 VID0
VDAC
11111
Off
0
1111
1.475
11110
1.100
0
1110
1.500
11101
1.250
0
1101
1.525
11100
1.150
0
1100
1.550
11011
1.175
0
1011
1.575
11010
1.200
0
1010
1.600
11001
1.225
0
1001
1.625
11000
1.250
0
1000
1.650
10111
1.275
0
0111
1.675
10110
1.300
0
0110
1.700
10101
1.325
0
0101
1.725
10100
1.350
0
0100
1.750
10011
1.375
0
0011
1.775
10010
1.400
0
0010
1.800
10001
1.425
0
0001
1.825
10000
1.450
0
0000
1.850
1
10
100
1000
100
1000
Output Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com