Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2001 Datasheet(PDF) 6 Page - International Rectifier

Part # IP2001
Description  500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2001 Datasheet(HTML) 6 Page - International Rectifier

  IP2001 Datasheet HTML 1Page - International Rectifier IP2001 Datasheet HTML 2Page - International Rectifier IP2001 Datasheet HTML 3Page - International Rectifier IP2001 Datasheet HTML 4Page - International Rectifier IP2001 Datasheet HTML 5Page - International Rectifier IP2001 Datasheet HTML 6Page - International Rectifier IP2001 Datasheet HTML 7Page - International Rectifier IP2001 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.irf.com
6
IRDCiP2001-A
Table 2 - Reference Design Bill of Materials
Fig. 6 - R
ISEN vs Current (per Phase)
Adjusting the Over-Current Limit
R7 & R8 are the resistors used to adjust the over-current trip point. The trip point is a function of the controller and
corresponds to 165% of the output current indicated on the x-axis of Fig. 6. For example, selecting a resistance of 1.5K
at each phase will set the trip point to 165% of 15A, or 24.75A. The trip point for each phase on the demoboard is currently
set to 165% of 20A, or 33A.
Designator
Value 1
Value 2
Type
Tolerance
Package
Mfr.
Mfr. Part No.
C1
0.022uF
50V
X7R
10%
0805
TDK
C2012X7R1H223K
C2, C6-C11, C27, C30, C31
10.0uF
16V
X5R
10%
1210
TDK
C3225X5R1C106K
C19, C20, C22, C23
100uF
6.3V
X5R
10%
2220
TDK
C5750X5R0J107K
C28
22.0pF
50V
COG
5%
0805
TDK
C2012COG1H220J
C33
0.010uF
50V
X7R
10%
0805
TDK
C2012X7R1H103K
Cx
4700pF
50V
X7R
10%
0603
TDK
C1608X7R1H472K
L2 L3
0.54uH
27A
Ferrite
20%
SMT
Panasonic
ETQP6F0R6BFA
R1, R2
1K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ102
R11, R12, R14
0
1/8W
Thick film
<50m
0805
ROHM
MCR10EZHJ000
R6, R16, R17
10K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ103
R3, R19, D2, D3
-
-
-
-
-
-
-
R4
51K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ513
R7, R8
2K
1/8W
Thick film
5%
0805
ROHM
MCR10EZHJ202
Rx
51
1/10W
Thick film
5%
0603
KOA
RM73B1J510J
S1
SPST
6 position
Switch
-
SMT
C&K Components
SD06H0SK
ST1 - ST4
4-40
-
-
-
-
Keystone
8412
U1
-
-
PWM controller
0 - 70°C
SOIC20
Intersil
HIP6311CB
U3, U4
-
-
DC-DC
-
11 x 11 x 3mm
IR
IP2001
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
10
11
12
13
14
15
16
17
18
19
20
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com