Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF2512-FZ-R015ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRF2512-FZ-R015ELF
Description  CRF Series - High Power Current Sense Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF2512-FZ-R015ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRF2512-FZ-R015ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF2512-FZ-R015ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRF2512-FZ-R015ELF Datasheet HTML 3Page - Bourns Electronic Solutions CRF2512-FZ-R015ELF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Resistance value as low as 0.001 ohm
n
High power density
n
Inductance less than 5 nH
n
Low thermal EMF: <3 µV/°C (CRF0805 and
CRF1206); <40 µV/°C (CRF2512)
n
RoHS compliant*
n
AEC-Q200 compliant
Applications
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
CRF Series - High Power Current Sense Chip Resistor
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications.
The products described herein and this document are
subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/
docs/legal/disclaimer.pdf.
Electrical Characteristics
Performance Characteristics
Rating
CRF0805
CRF1206
CRF2512
Power Rating @ 70 °C
0.5 W
1 W
(0.001 to 0.010 Ω)
2 W
(0.011 to 0.050 Ω)
1 W
Operating Temperature Range
-55 °C to +170 °C
Derated to Zero Load at
+170 °C
Maximum Working Voltage
(P x R)1/2
Resistance
0.001 ~ 0.025 Ω 0.001 ~ 0.050 Ω
0.001 ~ 0.050 Ω
Resistance Tolerance
±1 %, ±5 %
Temperature Coefficient
±50 PPM/°C
Test
Conditions
Specification
CRF0805
CRF1206
CRF2512
Thermal Shock
-55 ˚C to +150 ˚C,
300 Cycles, 15 minutes
Δ
R < ± 1 %
Δ
R < ± 0.5 %
Short Time Overload
5 X Rated Power for 5 seconds
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
Low Temperature Storage
-55 ˚C for 1000 hours
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
High Temperature Exposure
1000 hours @ + 170 ˚C
Δ
R < ± 1 %
Δ
R < ± 0.5 %
Bias Humidity
+ 85 ˚C, 85 % RH,
10 % Bias, 1000 hours
N/A
Δ
R < ± 1 %
Mechanical Shock
100 g for 6 milliseconds,
5 pulses
N/A
Δ
R < ± 0.5 %
Vibration
Frequency varied 10-2000 KHz
in one minute, 3 directions,
12 hours
N/A
Δ
R < ± 0.5 %
Load Life
1000 hours at rated power at
+70 ˚C, 1.5 hours on, 0.5 hours
off
Δ
R < ± 1 %
Δ
R < ± 1 %
Resistance to Solder Heat
+260 ˚C, 10-12 second dwell,
25 mm/second emergence
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
Moisture Resistance
MIL-STD-202 Method 106, 0 %
power (7a and 7b not required)
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
R025
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
Construction
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Derating Curve
Ambient Temperature (°C)
70
170
100
-55
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
AUTOMOTIVE
GRADE


Similar Part No. - CRF2512-FZ-R015ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRF2512-FZ-R010ELF BOURNS-CRF2512-FZ-R010ELF Datasheet
271Kb / 2P
CRF Series - High Power Current Sense Chip Resistor
More results

Similar Description - CRF2512-FZ-R015ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRF BOURNS-CRF Datasheet
271Kb / 2P
CRF Series - High Power Current Sense Chip Resistor
CRF2512-FX-R008ELF BOURNS-CRF2512-FX-R008ELF Datasheet
284Kb / 3P
CRF Series - High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF_16 Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com