Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF2512-FZ-R015ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRF2512-FZ-R015ELF
Description  CRF Series - High Power Current Sense Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF2512-FZ-R015ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRF2512-FZ-R015ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF2512-FZ-R015ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRF2512-FZ-R015ELF Datasheet HTML 3Page - Bourns Electronic Solutions CRF2512-FZ-R015ELF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dim.
CRF0805
CRF1206
CRF2512
0.001 ~ 0.003 Ω
0.004 ~ 0.050 Ω
A
2.0 ± 0.10
(0.079 ± 0.004)
3.20 ± 0.20
(0.126 ± 0.008)
6.40 ± 0.20
(0.252 ± 0.008)
6.40 ± 0.20
(0.252 ± 0.008)
B
1.25 ± 0.10
(0.049 ± 0.004)
1.65 ± 0.20
(0.064 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
C
0.65 ± 0.20
(0.026 ± 0.008)
R = 1 & 1.5
0.40 ± 0.20
(0.016 ± 0.008)
2<=R<=25
0.50 ± 0.30
(0.0197 ± 0.012)
2.00 ± 0.30
(0.079 ± 0.012)
0.95 ± 0.30
(0.037 ± 0.012)
T
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
CRF Series - High Power Current Sense Chip Resistor
DIMENSIONS:
MM
(INCHES)
Product Dimensions
A
B
C
CC
T
C
A
B
C
CC
T
C
Code R Value Code
R Value
R011
0.011
R030
0.030
R012
0.012
R033
0.033
R015
0.015
R035
0.035
R018
0.018
R040
0.040
R020
0.020
R050
0.050
R025
0.025
Resistance Value Tables
Code R Value Code
R Value
R001
0.001
R008
0.008
R002
0.002
R009
0.009
R003
0.003
R010
0.010
R004
0.004
R015
0.015
R005
0.005
R020
0.020
R006
0.006
R025
0.025
Code R Value Code
R Value
R001
0.001
R012
0.012
R002
0.002
R014
0.014
R003
0.003
R015
0.015
3L50
0.0035
R016
0.016
R004
0.004
R018
0.018
R005
0.005
R020
0.020
R006
0.006
R022
0.022
R007
0.007
R025
0.025
R008
0.008
R030
0.030
R009
0.009
R040
0.040
R010
0.010
R050
0.050
CRF0805
CRF1206
CRF2512 (1W)
Code R Value Code
R Value
R001
0.001
R005
0.005
1L50
0.0015
R006
0.006
R002
0.002
R007
0.007
R003
0.003
R008
0.008
R004
0.004
R010
0.010
CRF2512 (2W)
Dim.
CRF0805
CRF1206
CRF2512
0.003 ~ 0.020 Ω
0.001 Ω
0.002 ~ 0.030 Ω 0.001 ~ 0.003 Ω 0.004 ~ 0.050 Ω
A
1.4
(0.055)
1.8
(0.070)
1.8
(0.070)
4.0
(0.157)
4.0
(0.157)
B
1.15
(0.045)
2.3
(0.090)
1.7
(0.066)
3.1
(0.122)
2.1
(0.083)
L
0.7
(0.028)
R = 1 & 1.5
1.2
(0.047)
2<=R<=25
1.0
(0.039)
1.6
(0.062)
1.3
(0.051)
4.1
(0.161)
Recommended Solder Pad Layout
A
B
SENSING TRACE
Cu TRACE
L
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com