Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR-LAB2 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # NR-LAB2
Description  Komatsulite™ Mini-Breakers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

NR-LAB2 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  NR-LAB2 Datasheet HTML 1Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 2Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 3Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 4Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 5Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Overcoming Circuit Protection Challenges in Lithium Battery Cell Operated Electronics
Komatsulite™ Mini-Breakers Application Note
12/15 • e/C1564
LC Series
HC Series
KCA Series
NR-C Series
NR-A Series
Series
LC
HC
NR-C
NR-A
KCA
TEMPERATURE OPTIONS
Trip Temperature (°C)
72, 77, 82, 85
72, 77, 82, 85, 90
72, 77, 82, 85
72, 77, 82, 85
72, 77, 82, 85
CONTACT RATING
Voltage (VDC)
9
9
12
12
12
Current (A)
12
25
12
25
25
Number of cycles
6000
6000
6000
6000
6000
BREAKING CURRENT
Voltage (VDC)
5
5
5
5
5
Current (A)
40
80
30
60
60
Number of cycles
100
100
100
100
100
MAXIMUM VOLTAGE
Voltage (VDC)
28
28
28
28
28
Current (A)
5
25
12
25
25
Number of cycles
100
100
100
100
100
HOLDING VOLTAGE AT 25 ˚C FOR ONE MINUTE
Voltage (VDC)
2
3
2
2
2
MAXIMUM LEAKAGE AT 25 ˚C
Current (mA)
150
200
150
200
200
RESISTANCE AND SIZE
Max. Resistance (mΩ)
15
5
15
5
5
Size (mm)
11.2 x 3.75 x 1.15 11.2 x 3.75 x 1.15 11.2 x 2.8 x 0.89 11.2 x 2.8 x 0.89
11.2 x 3.2 x .89
Size (in)
0.44 x 0.148
x 0.045
0.44 x 0.148
x 0.045
0.44 x 0.11
x 0.035
0.44 x 0.11
x 0.035
0.44 x 0.091
x 0.035
HISTORY OF MINI-BREAKER INNOVATION (Continued)
Table 1.
Ratings of Komatsulite™ Mini-Breakers by Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com