Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR-LAB2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # NR-LAB2
Description  Komatsulite™ Mini-Breakers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

NR-LAB2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  NR-LAB2 Datasheet HTML 1Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 2Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 3Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 4Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 5Page - Bourns Electronic Solutions NR-LAB2 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Overcoming Circuit Protection Challenges in Lithium Battery Cell Operated Electronics
Komatsulite™ Mini-Breakers Application Note
12/15 • e/C1564
LC Series
HC Series
KCA Series
NR-C Series
NR-A Series
During normal operation, the disc is curved downward such that a direct path is available
for current to flow through from one terminal to the other. If the arm is exposed to rising
temperatures or excessive current, the temperature of the bi-metal disc rises. Once the
temperature of the bi-metal disc is heated to the trip temperature, the disc reverses such that
its ends point upward and lift the arm to the open position. In this tripped position, the path
between terminals is physically removed and the current is shunted to the PTC. The heat in
the PTC keeps the bi-metal disc open and latched. Once the overtemperature or overcurrent
condition is removed, the bi-metal disc returns to its original shape and restores the path for
current between the terminals. This operation occurs instantaneously, and the mini-breaker is
stable with impedance as low as 1.5 mΩ and no more than 15 mΩ.
The Komatsulite™ mini-breaker also offers resettable activation enabling normal operation
to resume immediately once the overcurrent or overtemperature condition is removed. Its
design is resistant to false trips that can occur with typical thermal fuses. Furthermore, the
mini-breaker does not require a reset circuit or power cycling, nor does it have to be replaced
following tripping unlike standard fuses. Mini-breakers feature a very small footprint; they
are compact enough to be placed directly across battery terminals to provide temperature and
current protection instantaneously.
Komatsulite has specifically developed its mini-breaker portfolio through its several-decade
history to meet the overtemperature and overcurrent protection needs of battery-powered
applications. The LC series was the first mini-breaker available with a trip temperature range
of 72 - 85 ˚C. The low profile LC Series offers a reduced height option measuring 0.1 mm. The
new HC series introduced mini-breakers with higher current capacity of 7 A to 12 A at 60 ˚C.
The low profile design extended to the 2014 release of the NR-C low capacity series and NR-A
high capacity series. In 2015, another application characteristic was addressed with the release
of the corrosion-free KCA series.
Currently, mini-breakers are manufactured where the thermal cut off subassembly and nickel
tabs are attached by welding. Future mini-breakers will feature welding of the nickel tabs only,
which allows for automated inspection. The roadmap also includes a heat resistant surface
mount package that provides the ability to handle reflow soldering three times. Komatsulite
continues to increase the protection options for developers. The existing series of Komatsulite™
mini-breakers are shown in Table 1.
MINI-BREAKER TECHNOLOGY OVERVIEW (Continued)
HISTORY OF MINI-BREAKER INNOVATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com