Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-MSHT075KX Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-MSHT075KX
Description  MF-MSHT Series – PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSHT075KX Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-MSHT075KX Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 5Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 6Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MF-MSHT Series – PTC Resettable Fuses
Features
n
High power ratings with higher hold
currents at elevated temperatures
n
Operating temperature range from -40 °C
to 125 °C
n
Low thermal derating factor
n
Standard 1812 footprint size
n
Compliant with AEC-Q200 Rev-D Stress
Test Qualification for Passive Components
in automotive applications
n
Surface mount packaging for automated
assembly
n
Agency recognition:
n
RoHS compliant*
Electrical Characteristics
Model
Vmax Imax
Ihold Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Agency Recognition
AEC-Q200
Compliant
at 23 °C
at 23 °C
Ohms
at 23 °C
at 23 °C
Watts
cUL
TÜV
Volts Amps
Amps
RMin. R1Max.** Amps Seconds
Typical
E174545 R 50384138
MF-MSHT020KX
42
40
0.20 1.0
0.5
4.5
8.0
0.1
1.2
3
3
3
MF-MSHT035KX
36
40
0.35 1.75
0.3
2.6
8.0
0.1
1.2
3
3
3
MF-MSHT050KX
30
40
0.50 2.5
0.18
1.6
8.0
0.1
1.2
3
3
3
MF-MSHT075KX
30
40
0.75 3.75
0.09
0.85
8.0
5.0
1.5
3
3
3
MF-MSHT110KX
16
40
1.10 5.5
0.05
0.45
8.0
5.0
1.5
3
3
3
MF-MSHT125KX
9
40
1.25 6.25
0.03
0.30
8.0
5.0
1.5
3
pending
3
MF-MSHT150KX
9
40
1.50 6.0
0.022
0.20
10.0
5.0
1.5
3
pending
3
MF-MSHT175KX
9
40
1.75 7.0
0.018
0.17
10.0
5.0
1.5
3
pending
3
**R1Max. measured 24 hours post reflow
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +125 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+125 °C, 1000 hours
R < R1max
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
R < R1max
Thermal Shock
-40 °C to +125 °C, 20 times
R < R1max
Solvent Resistance
MIL-STD-202, Method 215
No change (marking still legible)
Vibration
MIL-STD-883C, Method 2007.1 Condition A
No change (Rmin < R < R1max)
Moisture Sensitivity Level (MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
Test Procedures and Requirements
Item
Test Condition
Accept/Reject Criteria
Visual/Mechanical
Verify dimensions and materials
Per MF physical description
Resistance
In still air @ 23 °C
Rmin ≤ R ≤ Rmax
Time to Trip
At specified current, Vmax, 23 °C, still air
T ≤ max. time to trip (seconds)
Hold Current
30 min. at Ihold, still air
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
No arcing or burning
Trip Endurance
Vmax, 48 hours
No arcing or burning
Solderability
245 °C ±5 °C, 5 seconds
95 % min. coverage
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their
specific applications. The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
AUTOMOTIVE
GRADE
PRODUCT
TECHNICAL
LIBRARY
INVENTORY
SAMPLES
Additional Information
Click these links for more information:


Similar Part No. - MF-MSHT075KX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSHT075KX BOURNS-MF-MSHT075KX Datasheet
796Kb / 7P
MF-MSHT Series ??PTC Resettable Fuses
MF-MSHT075KX BOURNS-MF-MSHT075KX Datasheet
331Kb / 7P
MF-MSHT Series – PTC Resettable Fuses
REV. B, 05/21
MF-MSHT075KX BOURNS-MF-MSHT075KX Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
More results

Similar Description - MF-MSHT075KX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-MSHT BOURNS-MF-MSHT Datasheet
796Kb / 7P
MF-MSHT Series ??PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com