Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-MSHT075KX Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-MSHT075KX
Description  MF-MSHT Series – PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSHT075KX Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-MSHT075KX Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 5Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 6Page - Bourns Electronic Solutions MF-MSHT075KX Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MF-MSHT Series – PTC Resettable Fuses
Product Dimensions
Model
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
MF-MSHT020KX
4.37
(.172)
4.83
(.190)
3.07
(.121)
3.41
(.134)
0.40
(.016)
0.85
(.033)
0.30
(.012)
0.05
(.002)
MF-MSHT035KX
MF-MSHT050KX
MF-MSHT075KX
MF-MSHT110KX
4.37
(.172)
4.83
(.190)
3.07
(.121)
3.41
(.134)
0.60
(.024)
1.20
(.047)
MF-MSHT125KX
4.37
(.172)
4.83
(.190)
3.07
(.121)
3.41
(.134)
0.80
(.031)
1.60
(.063)
MF-MSHT150KX
MF-MSHT175KX
Top View
Side View
Bottom View
Recommended Pad Layout
A
MARKING
C
D
E
B
2.95
(.116)
3.10
(.122)
1.68
(.066)
1.68
(.066)
Top View
Side View
Bottom View
Recommended Pad Layout
A
MARKING
C
D
E
B
2.95
(.116)
3.10
(.122)
1.68
(.066)
1.68
(.066)
Terminal Material:
ENIG-plated terminals
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
+23 °C
+40 °C
+50 °C
+60 °C
+70 °C
+85 °C
+125 °C
MF-MSHT020KX
0.29
0.26
0.23
0.20
0.18
0.16
0.15
0.13
0.11
0.05
MF-MSHT035KX
0.51
0.46
0.41
0.35
0.31
0.28
0.26
0.23
0.20
0.09
MF-MSHT050KX
0.73
0.66
0.58
0.50
0.44
0.41
0.37
0.34
0.28
0.14
MF-MSHT075KX
1.09
0.98
0.87
0.75
0.66
0.61
0.56
0.50
0.42
0.20
MF-MSHT110KX
1.60
1.44
1.28
1.10
0.97
0.89
0.81
0.74
0.62
0.30
MF-MSHT125KX
1.81
1.64
1.45
1.25
1.10
1.01
0.93
0.84
0.70
0.34
MF-MSHT150KX
2.18
1.97
1.74
1.50
1.32
1.22
1.11
1.01
0.84
0.41
MF-MSHT175KX
2.54
2.29
2.03
1.75
1.54
1.42
1.30
1.17
0.98
0.47
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Applications
n
Overcurrent surge protection of electronic equipment required to operate at high operating
temperature ranges
n
Robust resettable fault protection for industrial transportation, communication, security, and
consumer electronic equipment



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com