Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AW-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # BC856AW-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-HF Datasheet(HTML) 3 Page - Comchip Technology

  BC856AW-HF Datasheet HTML 1Page - Comchip Technology BC856AW-HF Datasheet HTML 2Page - Comchip Technology BC856AW-HF Datasheet HTML 3Page - Comchip Technology BC856AW-HF Datasheet HTML 4Page - Comchip Technology BC856AW-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristic Curves (BC856AW-HF Thru. BC858CW-HF)
Comchip Technology CO., LTD.
Page 3
REV:A
General Purpose Transistor
Company reserves the right to improve product design , functions and reliability without notice.
Collector-Emitter Voltage, VCE (V)
-0
-10
-2
-4
-6
-8
-0
-1
-2
-3
-4
-5
-6
Fig.1 - Static Characteristic
COMMON
EMITTER
Ta=25°C
IB=-2µA
IB=-4µA
IB=-6µA
IB=-8µA
IB=-10µA
IB=-12µA
IB=-14µA
IB=-16µA
IB=-18µA
IB=-20µA
Fig.3 - VBEsat — IC
Collector Current, IC (mA)
-0.1
-10
-1
-100
-0
-200
-400
-600
-800
-1000
β=20
Ta=25°C
Ta=100°C
Fig.5 - Cob / Cib — VCB / VEB
Reverse Bias Voltage, V (V)
-0.1
-10
-1
0
3
6
9
12
15
f=1MHz
IE=0 / IC=0
Ta=25°C
Cib
Cob
Fig.2 - hFE — IC
Collector Current, IC (mA)
-1
-100
-10
0
100
200
300
400
500
VCE=-5V
Ta=25°C
Ta=100°C
Fig.4 - VCEsat — IC
-0.1
-10
-1
-100
Collector Current, IC (mA)
-1000
-100
-10
β=20
Ta=25°C
Ta=100°C
Fig.6 - PC — Ta
0
125
25
50
75
100
150
0
30
60
90
120
150
180
Ambient Temperature, Ta (°C)
QW-JTR59



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com