Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AW-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BC856AW-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856AW-HF Datasheet(HTML) 2 Page - Comchip Technology

  BC856AW-HF Datasheet HTML 1Page - Comchip Technology BC856AW-HF Datasheet HTML 2Page - Comchip Technology BC856AW-HF Datasheet HTML 3Page - Comchip Technology BC856AW-HF Datasheet HTML 4Page - Comchip Technology BC856AW-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (Ta= 25°C unless otherwise specified)
Comchip Technology CO., LTD.
Page 2
REV:A
General Purpose Transistor
Company reserves the right to improve product design , functions and reliability without notice.
QW-JTR59
Collector-Base breakdown voltage
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Unit
Symbol
Parameter
Min.
VCBO
VCEO
VEBO
ICBO
VCE(sat)
-80
-50
-30
-65
-45
-30
-5
-15
V
V
V
nA
Test Conditions
IC=-10μA, IE=0
IC=-10mA, IB=0
IE=-1μA, IC=0
VCB=-30V, IE=0
Max.
DC current gain
hFE
BC856AW, BC857AW, BC858AW
BC856BW, BC857BW, BC858BW
BC857CW, BC858CW
VCE=-5V, IC=-2mA
250
475
800
-0.65
Base-Emitter saturation voltage
VBE(sat)
V
Transition frequency
fT
MHZ
100
VCE=-5V, IC=-10mA, f=100MHZ
125
220
420
V
IC=-100mA , IB=-5mA
IC=-100mA, IB=-5mA
Cob
Collector capacitance
pF
VCB=-10V, f=1MHZ
BC856W-HF
BC858W-HF
BC857W-HF
BC856W-HF
BC858W-HF
BC857W-HF
Collector-Emitter saturation voltage
-1.1
4.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com