Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP50H02DF3 Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP50H02DF3
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP50H02DF3 Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50H02DF3 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP50H02DF3
20V N+N-Channel Enhancement Mode MOSFET
AP50H02DF3 REV1.0
永源微電子科技有限公司
Description
The AP50H02DF3 uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =50A
RDS(ON) < 8.5mΩ @ VGS=4.5V (Type:6.2mΩ)
Application
3.3V MCU Drive
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50H02DF3
DFN3*3-8L
AP50H02DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V
50
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V
30
A
IDM
Pulsed Drain Current note1
120
A
EAS
Single Pulsed Avalanche Energy note2
147.6
mJ
PD@TA=25℃
Power Dissipation
37
W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃/W
RθJC
Thermal Resistance, Junction to Case
2
℃
/W


Similar Part No. - AP50H02DF3

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP50H03NF APME-AP50H03NF Datasheet
889Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP50H04DF APME-AP50H04DF Datasheet
1Mb / 7P
40V NN-Channel Enhancement Mode MOSFET
AP50H04NF APME-AP50H04NF Datasheet
781Kb / 7P
40V NN-Channel Enhancement Mode MOSFET
REV1.0
AP50H06DF2 APME-AP50H06DF2 Datasheet
810Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP50H06NF APME-AP50H06NF Datasheet
1Mb / 7P
60V NN-Channel Enhancement Mode MOSFET
More results

Similar Description - AP50H02DF3

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW12H02TS YFWDIODE-YFW12H02TS Datasheet
1Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-14TS YFWDIODE-YFW8205A-14TS Datasheet
2Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-21TS YFWDIODE-YFW8205A-21TS Datasheet
3Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205LI YFWDIODE-YFW8205LI Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8808CF YFWDIODE-YFW8808CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8809CF YFWDIODE-YFW8809CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8810E-11TS YFWDIODE-YFW8810E-11TS Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8814LI YFWDIODE-YFW8814LI Datasheet
2Mb / 7P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9926S YFWDIODE-YFW9926S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9928S YFWDIODE-YFW9928S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com