Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP50H02DF3 Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP50H02DF3
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP50H02DF3 Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP50H02DF3 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50H02DF3 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP50H02DF3
20V N+N-Channel Enhancement Mode MOSFET
AP50H02DF3 REV1.0
永源微電子科技有限公司
Package Mechanical Data-DFN3X3-8L
Symbol
Dim in mm
Min
Max
A
0.70
0.80
A1
0.00
0.05
A2
0.203REF
b
0.25
0.35
D
2.90
3.10
E
2.90
3.10
D1
2.20
2.40
E1
1.40
1.60
L
0.20
0.40
e
0.65BSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com