Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59112 Datasheet(PDF) 9 Page - Amphenol Communications Solutions

Part # 59112
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

59112 Datasheet(HTML) 9 Page - Amphenol Communications Solutions

Back Button 59112 Datasheet HTML 5Page - Amphenol Communications Solutions 59112 Datasheet HTML 6Page - Amphenol Communications Solutions 59112 Datasheet HTML 7Page - Amphenol Communications Solutions 59112 Datasheet HTML 8Page - Amphenol Communications Solutions 59112 Datasheet HTML 9Page - Amphenol Communications Solutions 59112 Datasheet HTML 10Page - Amphenol Communications Solutions 59112 Datasheet HTML 11Page - Amphenol Communications Solutions 59112 Datasheet HTML 12Page - Amphenol Communications Solutions 59112 Datasheet HTML 13Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.amphenol-cs.com
TARGET MARKETS
Minitek® Headers
PRODUCTS FOR SOLDER-TO-
BOARD APPLICATIONS
FEATURES
BENEFITS
§
Modular System
§
Ensures interchangeable solution for flexible design
§
2mm pitch available
§
38% less board space compared with 2.54mm
§
Lowest co-planarity at 0.1mm
§
Facilitates automatic placement
§
0.5mm square drawn wire pin
§
Provides four smooth mating surfaces
§
High raw material temperature range
§
Withstands re-flow soldering process
Minitek® is Amphenol FCI’s brand for board-to-board and
wire/cable-to-board connectors in 2.00mm pitch. The
Minitek® product range includes PCB Card Connectors,
Shrouded and Unshrouded headers and IDC/CTW
receptacles.
Amphenol FCI is adding five new series of Minitek® Headers
to its product range, dedicated to Pin-in-Paste soldering
processes. This brochure gives additional information for
the correct use of Minitek® PIP connectors in the application
process.
§ Easy to operate and strong FFC/FPC retention makes it
vibration-proof
§ Ensures high solderability and high durability
§ Operating temperature range of -55°C to +85°C
2.00mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com