Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59112 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 59112
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

59112 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  59112 Datasheet HTML 1Page - Amphenol Communications Solutions 59112 Datasheet HTML 2Page - Amphenol Communications Solutions 59112 Datasheet HTML 3Page - Amphenol Communications Solutions 59112 Datasheet HTML 4Page - Amphenol Communications Solutions 59112 Datasheet HTML 5Page - Amphenol Communications Solutions 59112 Datasheet HTML 6Page - Amphenol Communications Solutions 59112 Datasheet HTML 7Page - Amphenol Communications Solutions 59112 Datasheet HTML 8Page - Amphenol Communications Solutions 59112 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.amphenol-cs.com
TARGET MARKETS
Minitek® Crimp-to-Wire
HOUSINGS AND CONTACTS
FEATURES
BENEFITS
§
Dual-beam contact design for highly reliable electrical
performance
§
Latching key assures proper alignment and friction retention
Minitek® is Amphenol FCI’s brand for board-to-board
and cable/wire-to-board connectors in 2.00mm (0.079in.)
pitch. It is a fully modular system enabling all types of
connections between PCBs, wires and flat cables. Its
2mm spacing allows up to 38% space saving compared to
traditional modular systems.
Amphenol FCI is the leading supplier of this type of modular
system and continues to grow and expand it.


Similar Part No. - 59112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5911 ETC2-5911 Datasheet
154Kb / 3P
Professional quality inspection mirrors
logo
3M Electronics
5911 P1 R 3M-5911 P1 R Datasheet
305Kb / 4P
6000 Series Full Face Respirators
05/2007
logo
Molex Electronics Ltd.
59110-0478 MOLEX7-59110-0478 Datasheet
241Kb / 3P
0.80mm (.031") Pitch Shielded I/O Receptacle, Right Angle, SMT, Lead-free
logo
ABB
5911086-11 ABB-5911086-11 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
5911086-12 ABB-5911086-12 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
More results

Similar Description - 59112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
FCI connector
77138-101LF FCI-CONNECTOR-77138-101LF Datasheet
89Kb / 1P
CTE MINITEK
logo
List of Unclassifed Man...
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
FCI connector
86730-001LF FCI-CONNECTOR-86730-001LF Datasheet
85Kb / 1P
MINITEK JUMPER
logo
List of Unclassifed Man...
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
Amphenol Corporation
10129274-030LF AMPHENOL-10129274-030LF Datasheet
530Kb / 4P
Minitek® Pwr 3.0 Connector System Dual Row & Single Row
logo
Amphenol Communications...
10134160 AMPHENOLCS-10134160 Datasheet
395Kb / 2P
RECEPTACLE CRIMP TERMINAL MINITEK POWER 3.0
Rev. E
10156852 AMPHENOLCS-10156852 Datasheet
506Kb / 2P
PLUG CRIMP TERMINAL MINITEK POWER 4.2
Rev. A
CEM-5 AMPHENOLCS-CEM-5 Datasheet
362Kb / 3P
Minitek® Pwr CEM-5 PCIe® Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com