Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDWL3V3ACP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDWL3V3ACP-HF
Description  SMD ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDWL3V3ACP-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDWL3V3ACP-HF Datasheet HTML 1Page - Comchip Technology CPDWL3V3ACP-HF Datasheet HTML 2Page - Comchip Technology CPDWL3V3ACP-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPDWL3V3ACP-HF
SMD ESD Protection Diode
Features
- Low leakage.
- Working voltage: 3.3V.
- High component density.
- Low clamping voltage.
RoHS Device
Halogen Free
Ultra small SMD package
Comchip Technology CO., LTD.
REV:A
Page 1
- Bi-directional ESD protection.
- Surface mount package.
Case 01005B
Outline
Circuit Diagram
1
2
Part number
Package
Reel
Reel size
Marking code
CPDWL3V3ACP-HF
01005B
10,000
7 inch
E
Mechanical data
- Case: 01005 package, molded plastic.
- Mounting position: Any.
- High ESD protection level.
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IR = 1mA
Reverse leakage current
IR
Clamping voltage
VC
V
V
Working peak reverse voltage
VRWM
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
12
4.5
3.3
100
nA
20
0.28
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
Peak pulse current
IPP
A
TP = 8/20µs
TP = 8/20µs
Tj
°C
Storage temperature range
TSTG
-55 to +150
°C
-40 to +125
ESD capability
IEC 61000-4-2(air)
ICE 61000-4-2(contact)
ESD
±18
kV
Operating temperature range
1
QW-G7184
±14
VR = 3.3V
IPP = 1A, TP = 8/20µs
IPP = 3A, TP = 8/20µs
22
14
3
66


Similar Part No. - CPDWL3V3ACP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDWL3V3MHT-HF COMCHIP-CPDWL3V3MHT-HF Datasheet
463Kb / 3P
SMD ESD Protection Diode
REV:B
More results

Similar Description - CPDWL3V3ACP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com