Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDWL3V3ACP-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDWL3V3ACP-HF
Description  SMD ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDWL3V3ACP-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDWL3V3ACP-HF Datasheet HTML 1Page - Comchip Technology CPDWL3V3ACP-HF Datasheet HTML 2Page - Comchip Technology CPDWL3V3ACP-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Rating and Characteristic Curves (CPDWL3V3ACP-HF)
Comchip Technology CO., LTD.
Page 2
SMD ESD Protection Diode
1
2
0
Fig.3 - Typical Clamping Voltage vs.
Peak Pulse Current
Peak Pulse Current, (A)
Mounting on glass epoxy PCBs
0
25
50
75
100
125
0
20
40
60
80
100
120
Fig.2 - Power Rating Derating Curve
Ambient Temperature, (°C)
Fig.1 - 8/20µs Peak Pulse Current
Waveform Acc. IEC 61000-4-5
0
10
15
20
25
30
5
Time, (µs)
td= t Ipp/2
e-t
0%
20%
40%
60%
80%
100%
120%
Test Waveform
parameters
tf=8µs
td=20µs
Ta=25°C
Peak Value Ipp
10
20
3
150
15
25
0
3.3
Fig.4 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
2
0.2
0.3
0.4
0.5
1
3
0
f=1MHz
TA=25°C
8/20µs waveform
0.1
5
QW-G7184
REV:A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com