Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60H02GD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP60H02GD
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP60H02GD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP60H02GD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60H02GD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60H02GD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60H02GD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60H02GD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60H02GD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60H02GD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP60H02GD
20V N+N-Channel Enhancement Mode MOSFET
A60H02GD REV1.0
永源微電子科技有限公司
Description
The AP60H02GD uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =50A
RDS(ON) < 8.5mΩ @ VGS=4.5V (Type:6.0mΩ)
Application
3.3V MCU Drive
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP60H02GD
TO-252-4L
AP60H02GD XXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V
60
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V
30
A
IDM
Pulsed Drain Current note1
120
A
EAS
Single Pulsed Avalanche Energy note2
147.6
mJ
PD@TA=25℃
Power Dissipation
37
W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃/W
RθJC
Thermal Resistance, Junction to Case
2
℃
/W


Similar Part No. - AP60H02GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP60H03DF APME-AP60H03DF Datasheet
772Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP60H03GD APME-AP60H03GD Datasheet
1Mb / 7P
30V NN-Channel Enhancement Mode MOSFET
AP60H04NF APME-AP60H04NF Datasheet
823Kb / 7P
40V NN-Channel Enhancement Mode MOSFET
REV1.1
AP60H06DF2 APME-AP60H06DF2 Datasheet
861Kb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.0
AP60H06NF2 APME-AP60H06NF2 Datasheet
1Mb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP60H02GD

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW12H02TS YFWDIODE-YFW12H02TS Datasheet
1Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-14TS YFWDIODE-YFW8205A-14TS Datasheet
2Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-21TS YFWDIODE-YFW8205A-21TS Datasheet
3Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205LI YFWDIODE-YFW8205LI Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8808CF YFWDIODE-YFW8808CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8809CF YFWDIODE-YFW8809CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8810E-11TS YFWDIODE-YFW8810E-11TS Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8814LI YFWDIODE-YFW8814LI Datasheet
2Mb / 7P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9926S YFWDIODE-YFW9926S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9928S YFWDIODE-YFW9928S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com