Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

047RMS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 047RMS
Description  Aluminum Capacitors Radial Miniature Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

047RMS Datasheet(HTML) 4 Page - Vishay Siliconix

  047RMS Datasheet HTML 1Page - Vishay Siliconix 047RMS Datasheet HTML 2Page - Vishay Siliconix 047RMS Datasheet HTML 3Page - Vishay Siliconix 047RMS Datasheet HTML 4Page - Vishay Siliconix 047RMS Datasheet HTML 5Page - Vishay Siliconix 047RMS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
047 RMS
www.vishay.com
Vishay BCcomponents
Not Available for New Designs, Use 148 RUS
Revision: 16-Oct-13
4
Document Number: 28314
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Fig. 5 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 3
ADDITIONAL ELECTRICAL DATA
DESCRIPTION
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.15 UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR
IL1  0.01 CR x UR + 3 μA
After 5 min at UR
IL5  0.002 CR x UR + 3 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
Typ. 16 nH
Case Ø D
 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 2)
ESR = tan
/2fC
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 16 V AND 25 V
UR = 35 V AND 40 V
UR = 50 V AND 63 V
50
0.95
0.85
0.80
100
1.00
1.00
1.00
300
1.07
1.20
1.25
1000
1.12
1.30
1.40
3000
1.15
1.35
1.50
 10 000
1.20
1.40
1.60
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
Lifetime multiplier
(1)
T
amb (°C)
I
A
I
R
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple current at 100 Hz, 105 °C
(1) Useful life at 105 °C and I
R applied: 1500 h
CCC206



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com