Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

047RMS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 047RMS
Description  Aluminum Capacitors Radial Miniature Semi-Professional
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

047RMS Datasheet(HTML) 3 Page - Vishay Siliconix

  047RMS Datasheet HTML 1Page - Vishay Siliconix 047RMS Datasheet HTML 2Page - Vishay Siliconix 047RMS Datasheet HTML 3Page - Vishay Siliconix 047RMS Datasheet HTML 4Page - Vishay Siliconix 047RMS Datasheet HTML 5Page - Vishay Siliconix 047RMS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
047 RMS
www.vishay.com
Vishay BCcomponents
Not Available for New Designs, Use 148 RUS
Revision: 16-Oct-13
3
Document Number: 28314
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 047 series
1000 μF/35 V; ± 20 %
Nominal case size: Ø 12.5 mm x 25 mm; form TFA
Ordering code: MAL2 047 30102 E3
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 105 °C
IL1
Max. leakage current after 1 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 10 kHz or 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL1
1 min
(μA)
tan
100 Hz
Z
100 kHz
(
)
ORDERING CODE MAL2047...
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
16
470
10 x 12
330
78
0.16
0.33
 55471E3
 65471E3
 35471E3
1000
10 x 20
540
160
0.16
0.17
 55102E3
 65102E3
 35102E3
2200
12.5 x 25
830
360
0.20
0.10
 55222E3
 65222E3
 35222E3
3300
16 x 25
1100
530
0.22
0.08
 55332E3
 65332E3
 35332E3
4700
16 x 31
1300
760
0.24
0.07
 55472E3
 65472E3
 35472E3
6800
16 x 35
1600
1100
0.28
0.06
 55682E3
 65682E3
-
10 000
18 x 35
1800
1600
0.36
0.05
 55103E3
 65103E3
-
25
470
10 x 16
360
120
0.14
0.25
 56471E3
66471E3
36471E3
1000
12.5 x 20
630
250
0.14
0.13
 56102E3
66102E3
36102E3
2200
16 x 25
990
550
0.18
0.08
 56222E3
66222E3
36222E3
3300
16 x 31
1200
830
0.20
0.07
 56332E3
 66332E3
 36332E3
4700
18 x 35
1500
1200
0.22
0.05
 56472E3
 66472E3
-
6800
18 x 35
1700
1700
0.26
0.04
 56682E3
 66682E3
-
35
220
10 x 12
270
80
0.12
0.38
 50221E3
60221E3
30221E3
330
10 x 16
350
120
0.12
0.28
 50331E3
 60331E3
 30331E3
470
10 x 20
450
170
0.12
0.22
 50471E3
 60471E3
 30471E3
1000
12.5 x 25
780
350
0.12
0.12
 50102E3
 60102E3
 30102E3
2200
16 x 31
1200
770
0.16
0.07
 50222E3
 60222E3
 30222E3
3300
18 x 35
1500
1200
0.18
0.05
 50332E3
 60332E3
-
4700
18 x 35
1800
1600
0.20
0.04
 50472E3
 60472E3
-
40
330
10 x 20
380
140
0.12
0.26
 57331E3
 67331E3
 37331E3
2200
16 x 35
1200
880
0.16
0.06
 57222E3
67222E3
-
3300
18 x 35
1500
1300
0.18
0.04
 57332E3
67332E3
-
50
220
10 x 16
310
110
0.10
0.33
 51221E3
 61221E3
 31221E3
470
12.5 x 20
540
240
0.10
0.17
 51471E3
61471E3
31471E3
1000
16 x 25
940
500
0.10
0.09
 51102E3
61102E3
31102E3
2200
18 x 35
1400
1100
0.14
0.05
 51222E3
 61222E3
-
3300
18 x 35
1600
1700
0.16
0.04
 51332E3
 61332E3
-
63
100
10 x 12
210
66
0.09
0.65
 58101E3
68101E3
38101E3
220
10 x 20
350
140
0.09
0.32
 58221E3
68221E3
38221E3
330
12.5 x 20
470
210
0.09
0.22
 58331E3
 68331E3
 38331E3
470
12.5 x 25
620
300
0.09
0.16
 58471E3
68471E3
38471E3
1000
16 x 31
1100
630
0.09
0.08
 58102E3
 68102E3
 38102E3
2200
18 x 35
1500
1400
0.13
0.04
 58222E3
68222E3
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com