Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2004TR Datasheet(PDF) 12 Page - International Rectifier

Part # IP2004TR
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004TR Datasheet(HTML) 12 Page - International Rectifier

Back Button IP2004TR Datasheet HTML 7Page - International Rectifier IP2004TR Datasheet HTML 8Page - International Rectifier IP2004TR Datasheet HTML 9Page - International Rectifier IP2004TR Datasheet HTML 10Page - International Rectifier IP2004TR Datasheet HTML 11Page - International Rectifier IP2004TR Datasheet HTML 12Page - International Rectifier IP2004TR Datasheet HTML 13Page - International Rectifier IP2004TR Datasheet HTML 14Page - International Rectifier IP2004TR Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Page 12 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
Figure 15 Top & Bottom Component and Via Placement (Topside, Transparent view down)
PCB Layout Guidelines
The following guidelines are recommended to reduce the parasitic values and optimize overall performance.
•
All pads on the iP2004 footprint design need to be Solder-mask defined (see
Figure 14). Also refer to
International Rectifier application notes AN1028 and AN1029 for further footprint design guidance.
•
Place as many vias around the Power pads (VIN, VSW, and PGND) for both electrical and optimal thermal
performance.
o
Vias in between the different power pads may overlap the pad opening and solder mask edge
without the need to plug the via hole. Vias with a 13mil drill hole and 25mil capture pad were
used in this example.
•
A minimum of six 10µF, X5R, 16V ceramic capacitors per iP2004 are needed for greater than 25A
operation. This will result in the lowest loss due to input capacitor ESR.
•
Placement of the ceramic input capacitors is critical to optimize switching performance. In cases where
there is a heatsink on the case of iP2004, place all six ceramic capacitors right underneath the iP2004
footprint (see Bottom Component Layer). In cases where there is not heatsink, C1 and C6 on the
bottom layer may be moved to the C1x and C6x locations (respectively) on the top component layer
(see Top Component Layer). In both cases, C2 – C5 need to be placed right underneath the iP2004
PCB footprint.
• Dedicate at least two layer to for PGND only
• Duplicate the Power Nodes on multiple layers (refer to AN1029).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com