Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7809AP Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA7809AP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7809AP Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA7809AP Datasheet HTML 1Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 2Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 3Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 4Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 5Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 6Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 7Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 8Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2016. 08. 29
3/16
KIA7805AP~KIA7824AP
Revision No : 4
ELECTRICAL CHARACTERISTICS
KIA7806AP (Unless otherwise specified, VIN=11V, IOUT=500mA, Tj=25℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig. 1
Tj=25℃
5.75
6.0
6.25
V
Line Regulation
Reg line
Fig. 1
Tj=25℃
8.0V
≦VIN≦25V
-
4
120
mV
9V
≦VIN≦13V
-
2
60
Load Regulation
Reg load
Fig. 1
Tj=25℃
5mA
≦IOUT≦1.5A
-
15
120
mV
250mA
≦IOUT≦750mA
-
5
60
Output Voltage
VOUT
Fig. 1
8V
≦VIN≦21V
5.0mA
≦IOUT≦1.0A, Po≦15W
5.7
6.0
6.3
V
Quiescent Current
IB
Fig. 1
Tj=25℃, IOUT=5mA
-
4.3
8.0
mA
Quiescent Current Change
ΔIB
Fig. 1
8V
≦VIN≦25V
-
-
1.3
mA
Output Noise Voltage
VNO
Fig. 2
Ta=25
℃, 10Hz≦f≦100kHz
-
45
-
μVrms
Ripple Rejection Ratio
RR
Fig. 3
f=120Hz, 9V
≦VIN≦19V
59
75
-
dB
Dropout Voltage
VD
Fig. 1
IOUT=1.0A, Tj=25℃
-
2.0
-
V
Short Circuit Current Limit
ISC
Fig. 1
VIN=30V, Tj=25℃
-
50
-
mA
Average Temperature
Coefficient of Output Voltage
TCVO
Fig. 1
IOUT=5mA
-
-0.7
-
mV/
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com