Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7809AP Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7809AP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7809AP Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7809AP Datasheet HTML 1Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 2Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 3Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 4Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 5Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 6Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 7Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 8Page - KEC(Korea Electronics) KIA7809AP Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
SEMICONDUCTOR
TECHNICAL DATA
KIA7805AP~KIA7824AP
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 4
2016. 08. 29
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V
FEATURES
・Internal Thermal Overload Protection.
・Internal Short Circuit Current Limiting.
・Output Current up to 1.5A.
・Package is TO-220AB
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7805~
KIA7815
VIN
32
V
KIA7818~
KIA7824
40
Power Dissipation-1 (No Heatsink)
P
D1
1.9
W
Power Dissipation-2 (Infinite Heatsink)
P
D2
30
Operating Junction Temperature
Tj
-40
~150
Storage Temperature
Tstg
-55
~150
Maximum Junction Tamperature
Tj(max)
150
BLOCK DIAGRAM
LINE-UP
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA7805AP
5
V
KIA7806AP
6
KIA7807AP
7
KIA7808AP
8
KIA7809AP
9
KIA7810AP
10
KIA7812AP
12
KIA7815AP
15
KIA7818AP
18
KIA7820AP
20
KIA7824AP
24


Similar Part No. - KIA7809AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7809AP KEC-KIA7809AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
KIA7809AP KEC-KIA7809AP Datasheet
150Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7809APC KEC-KIA7809APC Datasheet
456Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7809API KEC-KIA7809API Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
KIA7809API KEC-KIA7809API Datasheet
1Mb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA7809AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com