Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE10P Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE10P
Description  PXO (Clock) with PECL Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE10P Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE10P Datasheet HTML 1Page - Advanced XTAL Products AXE10P Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXE10P
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE10P(E)
Issue: 01
Date: 2005-06-08
Oscillator type :
PXO (Clock) with PECL Output
Parameter
min.
typ. max. Unit
Condition
Frequency range
19.440
212.5 MHz
Standard frequencies
125.000 / 155.520
MHz
Frequency stability
-25
25
ppm
(see Note 1)
Initial tolerance
ppm
vs. temperature in operating temperature
range (steady state)
ppm
Included in “frequency
stability”
vs. supply voltage variation
±3
ppm
VS ±5%
vs. load change
±1
ppm
Load ±5%
long term (aging) per year
±3
ppm
per year @ +25°C
Frequency adjustment range
Electronic Frequency Control (EFC) range
ppm
N.A.
RF output
Signal waveform
PECL
Load
50
Ω
To VEE
Rise & decay time
1
ns
20%~80% of waveform
Symmetry (duty cycle)
40
60
%
@ 50% of waveform
Start-up time
10
ms
Jitter
1
ps
r.m.s. 10 kHz ~ 20 MHz
Supply voltage VS
3.13
4.75
3.3
5.0
3.47
5.75
V
V
Option I = “33”
Option I = “50”
Current consumption (steady state @ +25°C)
120
80
mA
mA
Option I = “33”
Option I = “50”
Not applicable
AXE10P
Enable/disable function
Pin2 = “LOW”: Enable
Pin2 = “HIGH”: Disable
AXE10PE
Operating temperature range
0
-40
+70
+85
°C
°C
Option II = “070”
Option II = “485”
Operable temperature range
-45
+90
°C
Storage temperature range
-55
+105
°C
Enclosure (see drawing) (LxWxH)
14.8x9.8x5.5 max
mm
IEC 61837 CO 26(AXE10P)
CO 27 (AXE10 PE)
Weight
3
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-2
Notes:
1.
Frequency stability = initial tolerance + temp.stability
2.
Absolute Pull Range (APR) = EFC range - temperature stability - supply & load change – aging
3.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
Ordering Code:
Model (Specification)
Option I Option II
Frequency [MHz]
AXE10P
AXE10PE
50
070
155.520


Similar Part No. - AXE10P

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
PXO for WLAN Test Equipment
Date: 2004-03-24
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
More results

Similar Description - AXE10P

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
logo
Oscilent Corporation
392 OSCILENT-392 Datasheet
132Kb / 2P
PECL Output
489 OSCILENT-489 Datasheet
145Kb / 2P
PECL Output
493 OSCILENT-493 Datasheet
142Kb / 2P
PECL Output
562 OSCILENT-562 Datasheet
134Kb / 2P
PECL Output
563 OSCILENT-563 Datasheet
135Kb / 2P
PECL Output
logo
Vectron International, ...
CO-434_454 VECTRON-CO-434_454 Datasheet
73Kb / 2P
PECL Clock Oscillators
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Renesas Technology Corp
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com