Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE20 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE20
Description  Crystal Oscillator, low jitter, in double-sealed DIL14 package (crystal resonator in hermetically sealed UM-1/HC-52/U)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE20 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE20 Datasheet HTML 1Page - Advanced XTAL Products AXE20 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXE20
www.axtal.com
Wasemweg 8
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE20
Issue: 01
Date: 2005-06-20
Oscillator type :
Crystal Oscillator, low jitter, in double-sealed DIL14
package (crystal resonator in hermetically sealed UM-1/HC-52/U)
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1
1
150
133
MHz
MHz
VS = 5 V
VS = 3.3 V
Standard frequencies
Frequency stability
Overall stability (Note 2)
± 100
± 50
± 25
ppm
ppm
ppm
Option I = “100”
Option I = “50”
Option I = “25”
operating temperature range (Note 3)
0
-20
-40
+70
+70
+85
°C
°C
°C
Option II = “A”
Option II = “B”
Option II = “C”
long term (aging)
± 2
ppm/year @ 40°C
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
5
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Start-up time
10
ms
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
Option III = “33”
Option III = ”50”
Current consumption (steady state)
25
45
mA
mA
Option III = “33”
Option III = ”50”
Operable temperature range
-45
+90
°C
Storage temperature range
-55
+125
°C
Enclosure (see drawing)
20.7x13.1x5.5 max.
mm
IEC 60679-3 CO-02
Weight
5
gram
Packing
Tube
IEC 60286-3
ESD Sensitivity
1500
V
HBM, IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Other stabilities on request
3.
Other operating temperature ranges on request
Ordering Code:
Model (Specification) Option I Option II
Option III
Frequency [MHz]
AXE20
100
A
50
12.345678


Similar Part No. - AXE20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE238 AXTAL-AXE238 Datasheet
285Kb / 4P
Ultra-Low Noise SPXO in Vibration-isolated Package for very high random vibration levels
2018-10-26
AXE25 AXTAL-AXE25 Datasheet
102Kb / 3P
Crystal Oscillator (SPXO) in double-sealed DIL14 package
2014-04-04
More results

Similar Description - AXE20

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXX35 AXTAL-AXX35 Datasheet
65Kb / 2P
Quartz Crystal Unit in HC-35/U package
2003-11-08
AXX52 AXTAL-AXX52 Datasheet
129Kb / 2P
Quartz Crystal Unit HC-52/U / UM-1
2005-01-15
logo
OEN India Limited
30-01-A OENINDIA-30-01-A Datasheet
77Kb / 1P
HERMETICALLY SEALED CRYSTAL CAN RELAY
logo
Advanced XTAL Products
AXE25 AXTAL-AXE25 Datasheet
102Kb / 3P
Crystal Oscillator (SPXO) in double-sealed DIL14 package
2014-04-04
AXE50 AXTAL-AXE50 Datasheet
138Kb / 3P
Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
AXE55 AXTAL-AXE55 Datasheet
138Kb / 3P
Crystal Oscillator (SPXO) in double?릗ealed DIL14/14 package
logo
IQD Frequency Products ...
IQXO-618 IQD-IQXO-618 Datasheet
214Kb / 6P
LVDS output crystal oscillator in a hermetically sealed ceramic package with a seam sealed metal lid.
IQXO-40X IQD-IQXO-40X Datasheet
359Kb / 7P
32.768kHz miniature 2 x 1.6mm crystal oscillator in an hermetically sealed ceramic package with a seam sealed metal lid.
IQXO-64X IQD-IQXO-64X Datasheet
157Kb / 7P
Standard 1.6 x 1.2mm crystal oscillator in a ceramic package with a seam sealed metal lid, hermetically sealed
IQXO-98X IQD-IQXO-98X Datasheet
306Kb / 7P
1.6 x 1.2mm crystal oscillator in a ceramic package with a seam sealed metal lid, hermetically sealed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com