Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE20 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXE20
Description  Crystal Oscillator, low jitter, in double-sealed DIL14 package (crystal resonator in hermetically sealed UM-1/HC-52/U)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE20 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXE20 Datasheet HTML 1Page - Advanced XTAL Products AXE20 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXE20
www.axtal.com
Wasemweg 8
page
2(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Pin connections
Pin #
Symbol
Function
1
N.C.
Not connected
7
GND
Ground
8
RF OUT RF Output
14
Vs
Supply Voltage
Environmental conditions
Test
IEC 60068
Part ...
IEC 60679-1
clause ...
Test conditions
Visual inspection,
dimensions
4.3
Enclosure styles as in IEC 60679-3
or 61837, if applicable
Sealing tests
(if applicable)
2-17
4.6.2
Gross leak: Test Qc,
Fine leak: Test Qk
Solderability
Resistance to
soldering heat
2-20
2-58
4.6.3
Test Ta (235
± 5)°C Method 1
Test Tb Method 1A, 5s
Shock*
2-27
4.6.8
Test Ea, 3 x per axes 100g, 6 ms
half-sine pulse
Bump*
2-29
4.6.6
Test Eb, 4000 bumps per Axes, 40g,
6 ms
Free fall*
2-32
4.6.9
Test Ed procedure 1,
2 drops from 1m height
Vibration, sinusoidal* 2-6
4.6.7
Test Fc, 30 min per axes,
10 Hz - 55 Hz 0,75mm; 55 Hz - 2
kHz, 10g
Rapid change of
temperature
2-14
4.6.5
Test Na, 10 cycles at extremes of
operating temperature range
Dry heat
2-2
4.6.14
Test Ba, 16 h at upper temperature
indicated by climatic category
Damp heat, cyclic*
2-30
4.6.15
Test Db variant 1 severity b),
55°C/95% r.H., 6 cycles
Cold
2-1
4.6.16
Test Aa, 2 h at lower temperature
indicated by climatic category
Climatic sequence*
1-7
4.6.17
Sequence of 4.6.14, 4.6.15 (1
st
cycle), 4.6.16, 4.6.15 (5 cycles)
Damp heat, steady
state*
2-3
4.6.18
Test Ca, 56 days
Endurance tests
- ageing
- extended aging
4.7.1
4.7.2
30 days @ 85°C, OCXO @25°C
1000h, 2000h, 8000h @85°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com