Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232EC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX232EC/D
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232EC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX232EC/D Datasheet HTML 8Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 9Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 10Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 11Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 12Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 13Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 14Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 15Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
______________________________________________________________________________________
±15kV ESD-Protected, +5V RS-232 Transceivers
IEC1000-4-2
The IEC1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not
specifically refer to integrated circuits. The
MAX202E/MAX203E–MAX213E, MAX232E/MAX241E
help you design equipment that meets level 4 (the
highest level) of IEC1000-4-2, without the need for
additional ESD-protection components.
The major difference between tests done using the
Human Body Model and IEC1000-4-2 is higher peak
current in IEC1000-4-2, because series resistance is
lower in the IEC1000-4-2 model. Hence, the ESD
withstand voltage measured to IEC1000-4-2 is
generally lower than that measured using the Human
Body Model. Figure 7b shows the current waveform for
the 8kV IEC1000-4-2 level-four ESD contact-discharge
test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method
connects the probe to the device before the probe is
energized.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge
resistance. Its objective is to emulate the stress caused
by contact that occurs with handling and assembly
during manufacturing. Of course, all pins require this
protection during manufacturing, not just RS-232 inputs
and outputs. Therefore, after PC board assembly, the
Machine Model is less relevant to I/O ports.
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M
Ω to 100MΩ
RD 330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 7a. IEC1000-4-2 ESD Test Model
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 7b. IEC1000-4-2 ESD Generator Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
Ω
RD 1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 6a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 6b. Human Body Model Current Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com