Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX232EC/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX232EC/D
Description  15kV ESD-Protected, 5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232EC/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX232EC/D Datasheet HTML 11Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 12Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 13Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 14Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 15Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 16Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 17Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 18Page - Maxim Integrated Products MAX232EC/D Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
______________________________________________________________________________________
15
±15kV ESD-Protected, +5V RS-232 Transceivers
____________Pin Configurations and Typical Operating Circuits (continued)
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
R2OUT
R2IN
T2OUT
V-
R1IN
R1OUT
T1IN
T2IN
C2-
C2+
V+ (C1-)
C1- (C1+)
C1+ (V+)
VCC
GND
T1OUT
12
11
9
10
V- (C2+)
C2+ (C2-)
C2- (V-)
GND
DIP/SO
MAX203E
TOP VIEW
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
2
1
3
20
GND
GND
400k
Ω
5k
Ω
5k
Ω
T1IN
T2IN
R2OUT
R1OUT
VCC
7
5
18
4
19
0.1
µF
RS-232
OUTPUTS
RS-232
INPUTS
+5V
400k
Ω
+5V
+5V INPUT
T1OUT
R1IN
R2IN
T2OUT
T1
9
6
T2
R1
R2
V-
V-
C1-
C1+
8(13)
13(14)
12(10)
17
14(8)
DO NOT MAKE
CONNECTION TO
THESE PINS
INTERNAL -10V
POWER SUPPLY
INTERNAL +10V
POWER SUPPLY
V+
C2-
C2-
C2+
C2+
11
15
16
10 (11)
PIN NUMBERS IN () ARE FOR SO PACKAGE.
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com