Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIS45 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS45
Description  Wideband VCXO in double-sealed DIL package Direct replacement of Fujitsu M2 (F100)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS45 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS45 Datasheet HTML 1Page - Advanced XTAL Products AXIS45 Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIS45
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS45
Issue: 01
Date: 2006-07-11
Oscillator type : Wideband VCXO in double-sealed DIL package
Direct replacement of Fujitsu M2 (F100)
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
5
30
MHz
Standard frequencies
16.384 / 24.576 / 27.000 /
28.224
MHz
Frequency stability
ppm
Initial tolerance
ppm
vs. temperature in operating
temperature range
± 100
ppm
-20°C ~+70°C
vs. supply voltage variation
± 10
ppm
vs. load change
± 5
ppm
long term (aging)
± 10
ppm/year @ 40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
(Pulling range)
See Note 2
± 500
± 1000
± 1500*
± 2000*
± 2500*
± 3000*
ppm
ppm
ppm
ppm
ppm
ppm
Option 2 = “ ”
Option 2 = “1000”
Option 2 = “1500” *
Option 2 = “2000” *
Option 2 = “2500” *
Option 2 = “3000” *
EFC voltage VC
0.25
0.15
4.75
3.15
V
v
Option 1 = “50“ (5 V)
Option 1 = “33” (3.3 V)
EFC slope (
∆f / ∆V
C)
positive
EFC linearity
%
EFC input impedance
100
k
Ω
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Start-up time
4
ms
Supply voltage VS
4.75
3.13
5.0
3.3
5.25
3.47
V
V
Option 1 = “50“ (5 V)
Option 1 = “33” (3.3 V)
Current consumption
30
mA
@ +25°C
Operating temperature range
-20
+70
°C
Operable temperature range
-40
+85
°C
Storage temperature range
-45
+90
°C
Enclosure (see drawing)
LxWxH
20.7x13.1x7.5 max.
mm
IEC 60679-3 CO 02
Weight
3
gram
Packing
sticks
IEC 60286-3
ESD Sensitivity
1500
V
HBM, IEC 61000-4-2
RoHS compliance
Full
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
*Pulling Range Option 3 > 1000 only possible with EFC voltage 0.25V ~ 4.75 V
Ordering Code:
Option 1
Option 2
Model (Specification)
Supply
Pulling Range
Frequency [MHz]
AXIS45
50
2000
28.224


Similar Part No. - AXIS45

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS1000 AXTAL-AXIS1000 Datasheet
103Kb / 3P
UHF Low Phase Noise VCXO in connectorized package
AXIS10LN AXTAL-AXIS10LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with HCMOS Output
AXIS135M AXTAL-AXIS135M Datasheet
101Kb / 3P
VCXO in DIL8 package
More results

Similar Description - AXIS45

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS30 AXTAL-AXIS30 Datasheet
54Kb / 2P
Wideband VCXO with low jitter SMD replacement of Fujitsu M2 (F100)
2008-01-25
logo
EUROQUARTZ limited
GDF8 EUROQUARTZ-GDF8 Datasheet
88Kb / 1P
8 pin DIL VCXO
GPA8 EUROQUARTZ-GPA8 Datasheet
88Kb / 1P
8 pin DIL VCXO
GPF8 EUROQUARTZ-GPF8 Datasheet
88Kb / 1P
8 pin DIL VCXO
logo
Emerson Network Power
BXA3 EMERSON-NETWORKPOWER-BXA3 Datasheet
237Kb / 4P
3 Watts in DIL Package
logo
Advanced XTAL Products
AXE25 AXTAL-AXE25 Datasheet
102Kb / 3P
Crystal Oscillator (SPXO) in double-sealed DIL14 package
2014-04-04
AXIS135M AXTAL-AXIS135M Datasheet
101Kb / 3P
VCXO in DIL8 package
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
5V VCXO in half size 8 pin DIL package
GVXO-42F GOLLEDGE-GVXO-42F_18 Datasheet
550Kb / 4P
5V VCXO - High Frequency - 14-pin DIL package
GVXO-44F GOLLEDGE-GVXO-44F Datasheet
550Kb / 4P
3.3V VCXO - High Frequency, DIL-14 Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com