Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70N10CF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP70N10CF
Description  100V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N10CF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP70N10CF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP70N10CPIF
100V N-Channel Enhancement Mode MOSFET
AP70N10CP/F RVE1.0
永源微電子科技有限公司
Description
The AP70N10CP/F is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 100V ID =70A
RDS(ON) < 14mΩ @ VGS=10V (Type:12mΩ)
Application
Uninterruptible Power Supply(UPS)
Power amplifier
motor drive
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP70N10CP
TO-220-3L
AP70N10CP XXX YYYY
1000
AP70N10CF
TO-263-3L
AP70N10CF XXX YYYY
1000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
100
V
ID@TC=25
℃
Continuous Drain Current VGS @ 10V
70
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V
59
A
IDM
Pulsed Drain Current
210
A
VGSS
Gate-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
943
mJ
IAR
Avalanche Current
32
A
EAR
Repetitive Avalanche Energy
36
mJ
PD
Power Dissipation (TC = 25ºC)
200
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55 to 175
ºC
RthJC
Thermal Resistance, Junction-to-Case
0.75
℃/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
℃/W


Similar Part No. - AP70N10CF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP70N10D APME-AP70N10D Datasheet
1Mb / 7P
100V N-Channel Enhancement Mode MOSFET
AP70N10F APME-AP70N10F Datasheet
805Kb / 7P
100V N-Channel Enhancement Mode MOSFET
AP70N10HD APME-AP70N10HD Datasheet
758Kb / 7P
100V N-Channel Enhancement Mode MOSFET
AP70N10P APME-AP70N10P Datasheet
805Kb / 7P
100V N-Channel Enhancement Mode MOSFET
AP70N10T APME-AP70N10T Datasheet
805Kb / 7P
100V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP70N10CF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com