Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP70N10CF Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP70N10CF
Description  100V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP70N10CF Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP70N10CF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP70N10CF Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP70N10CPIF
100V N-Channel Enhancement Mode MOSFET
AP70N10CP/F RVE1.0
永源微電子科技有限公司
Package Mechanical Data-TO-220F-3L-DX
Symbol
Common
mm
Min.
Max.
A
9.95
10.25
A1
4.5
5.0
B
2.95
3.25
C
1.25
1.45
D
12.80
13.20
E
0.40
0.60
F
2.8
3.5
G
1.30
1.45
H
Typ 2.54
I
Typ 5.08
J
4.60
4.75
K
2.45
2. 65
L
6.5
6.8
M
15.4
16.0
N
2.75
3.05
O
0.45
0.55
P
0.70
0.90



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com