Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXMW8596 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXMW8596
Description  Crystal Controlled Microwave Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXMW8596 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXMW8596 Datasheet HTML 1Page - Advanced XTAL Products AXMW8596 Datasheet HTML 2Page - Advanced XTAL Products AXMW8596 Datasheet HTML 3Page - Advanced XTAL Products AXMW8596 Datasheet HTML 4Page - Advanced XTAL Products AXMW8596 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AXMW 8596
www.axtal.com
Wasemweg 5
page
2(5)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing:
Mounting plate:
Pin connections:
VR7/4AB13 connector:
Pin #
Symbol
Function
1
CH1
Channel 1 select
2
CH2
Channel 2 select
3
CH3
Channel 3 select
4
CH4
Channel 4 select
5
CH5
Channel 5 select
6
CH6
Channel 6 select
7
Ground
SMA Connector: RF Output
BNC Connector : VS Supply Voltage
Marking: AXMW8596
AXTAL ww/xx & serial number
Environmental conditions:
Vibration :
Specification must be met under the vibration conditions of the chart below (Graph 1).
Shock :
Half Sine 15 g, 11 ms in 3 mutually perpendicular axes. No damage. Shock not applied to
short term stability requirements



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com