Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXMW8596 Datasheet(PDF) 4 Page - Advanced XTAL Products

Part # AXMW8596
Description  Crystal Controlled Microwave Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXMW8596 Datasheet(HTML) 4 Page - Advanced XTAL Products

  AXMW8596 Datasheet HTML 1Page - Advanced XTAL Products AXMW8596 Datasheet HTML 2Page - Advanced XTAL Products AXMW8596 Datasheet HTML 3Page - Advanced XTAL Products AXMW8596 Datasheet HTML 4Page - Advanced XTAL Products AXMW8596 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CLRWR
A
Ref
20 dBm
Att
45 dB
100 kHz/
Center
9.015006 GHz
Span
1 MHz
RBW
20 kHz
VBW
2 kHz
SWT
50 ms
1 SA
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
1
Marker 1 [T1 FXD]
17.66 dBm
9.015004397 GHz
2
Delta 2 [T1 PHN]
-91.37 dBc/Hz
99.358974360 kHz
PHN 17.616 dBm
PHN
Ref
20 dBm
Att
45 dB
CLRWR
A
1 AP
RBW 3 MHz
VBW 300 kHz
SWT 155 ms
Center
13.25 GHz
Span
26.5 GHz
2.65 GHz/
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
1
Marker 1 [T1 ]
-39.28 dBm
500.000000000 MHz
AXTAL GmbH & Co. KG
Wasemweg 5
D-74821 Mosbach
AXMW8596
page 4(5)
www.axtal.com
info@axtal.com
fon: +49 6261 939834
fax: +49 6261 939836



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com