Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PU2DM Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # PU2DM
Description  2A, 100V - 200V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PU2DM Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  PU2DM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PU2BM
– PU2DM
Taiwan Semiconductor
2
Version: B2103
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
28
°C/W
Junction-to-ambient thermal resistance
RӨJA
60
°C/W
Junction-to-case thermal resistance
RӨJC
34
°C/W
Thermal Performance Note: Units mounted on PCB (5mm x 5mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage
(1)
IF = 1A, TJ = 25°C
VF
0.90
-
V
IF = 2A, TJ = 25°C
0.99
1.05
V
IF = 1A, TJ = 125°C
0.76
-
V
IF = 2A, TJ = 125°C
0.84
0.90
V
Reverse current @ rated VR
(2)
TJ = 25°C
IR
-
1
µA
TJ = 125°C
-
15
µA
Reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
-
25
ns
IF = 1.0A, di/dt = 50 A/µs, VR = 30V
36
-
ns
Reverse recovery current
IF = 2.0A, di/dt = 200 A/µs,
VR = 100V
IRM
3.8
-
A
Reverse recovery charge
Qrr
57
-
nC
Reverse recovery time
trr
28
-
ns
Junction capacitance
1MHz, VR = 4.0V
CJ
18
-
pF
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
PU2xM
Micro SMA
12,000 / Tape & reel
Notes:
1.
“x” defines voltage from 100V(PU2BM) to 200V(PU2DM)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com