Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PU2DM Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # PU2DM
Description  2A, 100V - 200V Ultra Fast Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PU2DM Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  PU2DM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PU2DM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PU2BM
– PU2DM
Taiwan Semiconductor
1
Version: B2103
2A, 100V - 200V Ultra Fast Surface Mount Rectifier
FEATURES
● Planar technology
● Ideal for automated placement
● Low reverse leakage
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Switching mode converters and inverters
● Freewheeling application
MECHANICAL DATA
● Case: Micro SMA
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.006g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
2
A
VRRM
100 - 200
V
IFSM
28
A
TJ MAX
175
°C
Package
Micro SMA
Micro SMA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
PU2BM
PU2DM
UNIT
Marking code on the device
P7
P8
Repetitive peak reverse voltage
VRRM
100
200
V
Reverse voltage, total rms value
VR(RMS)
70
140
V
Forward current
IF
2
A
Surge peak forward current, single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
28
A
t = 1.0ms
52
A
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - PU2DM

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PU2 GOOD-ARK-PU2 Datasheet
372Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
logo
Tumbler Technologies + ...
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU200 RSG-PU200 Datasheet
177Kb / 2P
200 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PU200-10 TRUMPOWER-PU200-10 Datasheet
133Kb / 2P
200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU200-10 RSG-PU200-10 Datasheet
177Kb / 2P
200 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU2DM

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A-LFR FRONTIER-US2A-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D_15 Datasheet
350Kb / 4P
2A, 200V Glass Passivated Ultra Fast Rectifier
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
1A, 200V Surface Mount Ultra Fast Rectifier
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
3A, 200V Surface Mount Ultra Fast Rectifier
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2BAL TSC-ES2BAL Datasheet
473Kb / 6P
2A, 100V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com