Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # LM393F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

LM393F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  LM393F Datasheet HTML 1Page - KEC(Korea Electronics) LM393F Datasheet HTML 2Page - KEC(Korea Electronics) LM393F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 2. 20
2/3
LM393F
Revision No : 0
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25℃
℃, unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
VCM=0V to VCC-1.5V
VO(P)=1.4V, RS=0Ω
-
1
5
mV
Output Saturation Voltage
VSAT
VI(-)>1V, VI(+)=0V, ISINK=4mA
-
160
400
mV
Input Offset Current
IIO
-
-
5
50
nA
Input Bias Current
IIB
-
-
25
250
nA
Common Mode Input Voltage
VI(CM)
VCC=30V
0
-
VCC-1.5
V
Large Signal Voltage Gain
GV
VCC=15V, RL≧15kΩ
50
200
-
V/mV
Supply Current
ICC
RL=∝ , VCC=30V
-
0.8
2.5
mA
RL=∝
-
0.6
1.0
mA
Output Sink Current
ISINK
VI(-)>1V, VI(+)=0V, VO(p)<1.5V
6
18
-
mA
Output Leakage Current
ILEAK
VI(+)>1V, VI(-)=0V
VO(p)=5V
-
0.1
-
nA
VO(p)=30V
-
-
1.0
μA
Large Signal Response Time
tRSP
VIN=TTL Logic Wing
VREF=1.4V, VRL=5V, RL=5.1kΩ
-
350
-
ns
Response Time
trsp
VRL=5V, RL=5.1kΩ
-
1400
-
ns
EQUIVALENT CIRCUIT
V
CC
OUT(V
O)
GND
+IN
T2
T3
T10
T11
R1
D5
D6
R2
T12
T8
T7
T4
T9
T5
T6
-IN
T1
D1
D2
D4
D3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com