Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # LM393F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL COMPARATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

LM393F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  LM393F Datasheet HTML 1Page - KEC(Korea Electronics) LM393F Datasheet HTML 2Page - KEC(Korea Electronics) LM393F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2008. 2. 20
1/3
SEMICONDUCTOR
TECHNICAL DATA
LM393F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
FLP-8
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
G
H
B1 B2
1
4
5
8
A
P
D
L
T
DUAL COMPARATOR
FEATURES
・Be Possible to Operate at the Wide Range Single or Two Supply Voltage
・Low Supply Current : I
CC=0.8mA(Typ.)
・Low Input Bias Current I
IB=25nA(Typ.)
・Low Input Offset Voltage : V
IO=1mV(Typ.)
・Wide Common Mode Input Voltage : 0V
DC to VCC-1.5VDC
・Output is Compatible with TTL, DTL, MOS and C-MOS
・Output is Open Collector and Wired-OR Possible
・Wide Operating Supply Range
(VCC=2V~36V or ±1 ~ ±18V)
MAXIMUM RATINGS (Ta=25
℃
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
±18, 36
V
Differential Input Voltage
VI(DIFF)
±18, 36
V
Input Voltage
VI
-0.3
~36
V
Power Dissipation
PD
240
mW
Operating Temperature
TOPR
-40
~85
℃
Storage Temperature
TSTG
-65
~150
℃
1
2
3
4
8
7
6
5
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
K
807
LM393F
Lot No.
Device Name
Trade Name
PIN CONNECTION (TOP VIEW)
MARKING


Similar Part No. - LM393F

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393F ROHM-LM393F Datasheet
1Mb / 23P
Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
4Mb / 40P
Ground Sense Comparators
15.Jul.2016 Rev.002
LM393F-E2 ROHM-LM393F-E2 Datasheet
1Mb / 23P
Ground Sense Comparator
logo
NXP Semiconductors
LM393FE PHILIPS-LM393FE Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Rohm
LM393FJ ROHM-LM393FJ Datasheet
4Mb / 40P
Ground Sense Comparators
15.Jul.2016 Rev.002
More results

Similar Description - LM393F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA393P KEC-KIA393P Datasheet
68Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL COMPARATOR)
KIA7102AP KEC-KIA7102AP Datasheet
360Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com