Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # SW1
Description  SW1 High-Current Wire-to-Board and Busbar Interconnects
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SW1 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SW1 Datasheet HTML 1Page - Molex Electronics Ltd. SW1 Datasheet HTML 2Page - Molex Electronics Ltd. SW1 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DATASHEET
Reference Information
Packaging:
Cable Assemblies: Bag
Locking Pin: Bag, vacuum-sealed
UL File No.: E29179
CSA File No.: 70184994
Use With: Printed circuit boards and busbars
Designed In: Millimeters
RoHS: Yes
Halogen Free: Yes
Physical
Receptacle Housing: PBT
Contact: High–performance Copper (Cu) Alloy
Plating:
Socket Contact Area—Gold (Au)
Pin - Silver (Ag)
PCB Thickness (min.): 1.58mm
Busbar Thickness (min.): 1.50mm
Flammability: UL 94V-0
Operating Temperature: -40 to +125°C
Electrical (6.00mm Size)
Voltage (max.): 1,000V
Current (max.): 120.0A
Contact Resistance (max.): 0.25 milliohms
Mechanical (6.00mm Size)
Mating Force (max.): 50N
Unmating Force (min.): 5N
Durability (min.): 200 mating cycles
Electrical (8.00mm Size)
Voltage (max.): 1,000V
Current (max.): 185.0A
Contact Resistance (max.): 0.25 milliohms
Mechanical (8.00mm Size)
Mating Force (max.): 60N
Unmating Force (min.): 6N
Durability (min.): 200 mating cycles
Electrical (11.00mm Size)
Voltage (max.): 1,000V
Current (max.): 300.0A
Contact Resistance (max.): 0.25 milliohms
Mechanical (11.00mm Size)
Mating Force (max.): 70N
Unmating Force (min.): 7N
Durability (min.): 200 mating cycles
SPECIFICATIONS
www.molex.com/link/SW1.html
Molex is a registered trademark of Molex, LLC in the United States of America and may be registered in other countries; all other trademarks listed herein belong to their respective owners.
Order No. 987652-4267 Rev. 1
USA/0k/GF/2023.03
©2023 Molex
SW1 High-Current Wire-to-Board
and Busbar Interconnects



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com