Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SW1
Description  SW1 High-Current Wire-to-Board and Busbar Interconnects
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SW1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SW1 Datasheet HTML 1Page - Molex Electronics Ltd. SW1 Datasheet HTML 2Page - Molex Electronics Ltd. SW1 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATASHEET
SW1 Wire-to-Board/Wire-to-Busbar Interconnects incorporate
COEUR socket technology which enables a high-current-carrying
capacity in three sizes: 6.00mm (120.0A), 8.00mm (185.0A) and
11.00mm (300.0A) with a unique positive-locking design for
secure mating.
FEATURES AND ADVANTAGES
Positive-locking
stainless steel spring clips
Help secure mating to prevent
cable assemblies from backing
off pins due to shock, vibration
or mishandling; stainless steel
spring clips retract when
pressed and engage once the
pressure is released to lock
into groove on pin
Multiple contact
beams with optimal
current-carrying
capacity
Provides low contact
resistance, low voltage
drop, and minimal heat
generation at the
contact interface
Color-coded receptacle housings
Help to differentiate circuits and to
prevent mis-mating when multiple
cable assemblies are used on the same
application
SW1 High-Current
Wire-to-Board and Busbar
Interconnects
SW1 Cable Assembly and Locking Pin
Compact Design
Offers significantly lower height and significantly shorter length than
competitor’s 8.00mm size receptacle assemblies, resulting in a connector
that is better suited for applications requiring tight spaces.
Housing
PBT
Voltages
1,000V
Currents
120.0A (6.00mm), 185.0A (8.00mm) and 300.0A (11.00mm)
Operating temperatures
-40 to +125°C
Mating Forces
50N (6.00mm), 60N (8.00mm) and 70N (11.00mm)


Similar Part No. - SW1

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
SW1 4DSYSTEMS-SW1 Datasheet
3Mb / 20P
microOLED Display Modules
REVISION: 1.5
logo
Alpha Wire
SW1 ALPHAWIRE-SW1 Datasheet
392Kb / 4P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Renesas Technology Corp
SW1-SW16 RENESAS-SW1-SW16 Datasheet
638Kb / 18P
Sample Program (Electronic Desktop Calculator)
logo
Alpha Wire
SW10 ALPHAWIRE-SW10 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 12/1/2005 Production
logo
Tyco Electronics
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
More results

Similar Description - SW1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
Japan Aviation Electron...
DW07 JAE-DW07 Datasheet
353Kb / 5P
High-current Busbar Connector
logo
TE Connectivity Ltd
1-1773719-1 TEC-1-1773719-1 Datasheet
663Kb / 5P
Inverted Thru Board Interconnects
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com