Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1580P2T-R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD1580P2T-R
Description  7 A very low drop positive voltage regulator adjustable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1580P2T-R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD1580P2T-R Datasheet HTML 7Page - STMicroelectronics LD1580P2T-R Datasheet HTML 8Page - STMicroelectronics LD1580P2T-R Datasheet HTML 9Page - STMicroelectronics LD1580P2T-R Datasheet HTML 10Page - STMicroelectronics LD1580P2T-R Datasheet HTML 11Page - STMicroelectronics LD1580P2T-R Datasheet HTML 12Page - STMicroelectronics LD1580P2T-R Datasheet HTML 13Page - STMicroelectronics LD1580P2T-R Datasheet HTML 14Page - STMicroelectronics LD1580P2T-R Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LD1580XX
Package mechanical data
11/15
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com