Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1580P2T-R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD1580P2T-R
Description  7 A very low drop positive voltage regulator adjustable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1580P2T-R Datasheet(HTML) 5 Page - STMicroelectronics

  LD1580P2T-R Datasheet HTML 1Page - STMicroelectronics LD1580P2T-R Datasheet HTML 2Page - STMicroelectronics LD1580P2T-R Datasheet HTML 3Page - STMicroelectronics LD1580P2T-R Datasheet HTML 4Page - STMicroelectronics LD1580P2T-R Datasheet HTML 5Page - STMicroelectronics LD1580P2T-R Datasheet HTML 6Page - STMicroelectronics LD1580P2T-R Datasheet HTML 7Page - STMicroelectronics LD1580P2T-R Datasheet HTML 8Page - STMicroelectronics LD1580P2T-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LD1580XX
Maximum ratings
5/15
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPOWER
DC VPOWER voltage
from -0.3 to 6
V
VCONTROL
DC VCONTROL voltage
from -0.3 to 13
V
IOUT
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-55 to +150
°C
TOP
Operating junction temperature range
-40 to +125
°C
Table 3.
Thermal data
Symbol
Parameter
P²PAK
Unit
RthJC
Thermal resistance junction-case
3
°C/W
RthJA
Thermal resistance junction-ambient
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com