Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29F002T
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29F002T Datasheet HTML 7Page - STMicroelectronics M29F002T Datasheet HTML 8Page - STMicroelectronics M29F002T Datasheet HTML 9Page - STMicroelectronics M29F002T Datasheet HTML 10Page - STMicroelectronics M29F002T Datasheet HTML 11Page - STMicroelectronics M29F002T Datasheet HTML 12Page - STMicroelectronics M29F002T Datasheet HTML 13Page - STMicroelectronics M29F002T Datasheet HTML 14Page - STMicroelectronics M29F002T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AI01275B
3V
High Speed
0V
1.5V
2.4V
Standard
0.45V
2.0V
0.8V
Figure 4. AC Testing Input Output Waveform
AI01276B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 5. AC Testing Load Circuit
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6
pF
COUT
Output Capacitance
VOUT =0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 12. Capacitance(1) (TA =25
°C, f = 1 MHz )
Auto Select (AS) Instruction. This instruction
uses the two Coded cycles followed by one write
cycle giving the command 90h to address 555h for
command set-up. Asubsequentread will output the
manufacturer code and the device code or the
block protection status depending on the levels of
A0 and A1. The manufacturer code, 20h, is output
when the addresses lines A0 and A1 are Low, the
device code is output when A0 is High with A1 Low.
The AS instruction also allows access to the block
protectionstatus. After giving the AS instruction, A0
is set to VIL with A1 at VIH, while A13-A17 define
the address of the block to be verified. A read in
these conditions will output a 01h if the block is
protected and a 00h if the block is not protected.
Program (PG) Instruction. This instruction uses
four write cycles. The Program command A0h is
written to address 555h on the third cycle after two
Coded cycles. A fourth write operation latches the
Address on the falling edge of W or E and the Data
to be written on the rising edge and starts the
P/E.C. Read operations output the Status Register
bits after the programming has started. Memory
programming is made only by writing ’0’ in place of
’1’. Status bits DQ6 and DQ7 determine if program-
ming is on-goingand DQ5 allows verification of any
possible error. Programming at an address not in
blocks being erased is also possible during erase
suspend. In this case, DQ2 will toggle at the ad-
dress being programmed.
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 10ns
Input Pulse Voltages
0 to 3V
0.45V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Table 11. AC Measurement Conditions
11/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com