Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002T Datasheet(PDF) 26 Page - STMicroelectronics

Part # M29F002T
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002T Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M29F002T Datasheet HTML 21Page - STMicroelectronics M29F002T Datasheet HTML 22Page - STMicroelectronics M29F002T Datasheet HTML 23Page - STMicroelectronics M29F002T Datasheet HTML 24Page - STMicroelectronics M29F002T Datasheet HTML 25Page - STMicroelectronics M29F002T Datasheet HTML 26Page - STMicroelectronics M29F002T Datasheet HTML 27Page - STMicroelectronics M29F002T Datasheet HTML 28Page - STMicroelectronics M29F002T Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
eB
D2
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
5.08
–
0.200
A1
0.38
–
0.015
–
A2
3.56
4.06
0.140
0.160
B
0.38
0.51
0.015
0.020
B1
1.52
–
–
0.060
–
–
C
0.20
0.30
0.008
0.012
D
41.78
42.04
1.645
1.655
D2
38.10
–
–
1.500
–
–
E
15.24
–
–
0.600
–
–
E1
13.59
13.84
0.535
0.545
e1
2.54
–
–
0.100
–
–
eA
15.24
–
–
0.600
–
–
eB
15.24
17.78
0.600
0.700
L
3.18
3.43
0.125
0.135
S
1.78
2.03
0.070
0.080
α
0
°
10
°
0
°
10
°
N32
32
Drawing is not to scale.
PDIP32 - 32 pin Plastic DIP, 600 mils width
26/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com