Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80H06NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP80H06NF
Description  60V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80H06NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP80H06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80H06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80H06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80H06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80H06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80H06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80H06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP80H06NF
60V N+N-Channel Enhancement Mode MOSFET
AP80H06NF REV1.0
永源微電子科技有限公司
Description
The AP80H06NF uses advanced APM-SGT V technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 65V ID =85A
RDS(ON) < 5.8mΩ @ VGS=10V (Type:4.8mΩ)
Application
BLDC
DC-DC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP80H06NF
PDN5*6-8L
AP80H06NF XXX YYYY
5000
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
60
V
VGS
Gate source voltage
±20
V
ID@TC=25
℃
Continuous drain current1)
80
A
ID@TC=100
℃
Continuous drain current1)
52
A
IDM
Pulsed drain current2)
328
A
IAS
Diode forward current
45
A
PD@TC=25
℃
Power dissipation
65.8
W
EAS
Single pulsed avalanche energy)
89
mJ
Tstg
,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
1.9
℃/W
RθJA
Thermal resistance, junction-ambient4)
25
℃/W


Similar Part No. - AP80H06NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80H03GD APME-AP80H03GD Datasheet
1Mb / 7P
30V NN-Channel Enhancement Mode MOSFET
AP80H03NF2 APME-AP80H03NF2 Datasheet
1Mb / 7P
30V NN-Channel Enhancement Mode MOSFET
More results

Similar Description - AP80H06NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
DONGGUAN YOU FENG WEI E...
YFW8H06S YFWDIODE-YFW8H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15H06S YFWDIODE-YFW15H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW50H06NF YFWDIODE-YFW50H06NF Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6946S YFWDIODE-YFW6946S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG70H06NF YFWDIODE-YFWG70H06NF Datasheet
2Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com