Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80P01NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP80P01NF
Description  -12V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80P01NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP80P01NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80P01NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80P01NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80P01NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80P01NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP80P01NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP80P01NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP80P01NF
-12V P-Channel Enhancement Mode MOSFET
AP80P01NF RVE1.0
臺灣永源微電子科技有限公司
Description
The AP80P01NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = -12V
ID =-80A
RDS(ON) < 4.5m
Ω @ VGS=10V
Application
Load switch
electronic cigarette
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP80P01NF
PDFN5*6-8L
AP80P01NF XXX YYYY
2500
Absolute Maximum Ratings (TA=25℃ unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-12
V
VGS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous (TC=25℃)
-80
A
Drain Current
– Continuous (TC=100℃)
-54
A
IDM
Drain Current
– Pulsed1
-240
A
PD
Power Dissipation (TC=25℃)
41.67
W
Power Dissipation
– Derate above 25℃
0.33
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction to ambient
62
℃/W
RθJC
Thermal Resistance Junction to Case
3
℃/W


Similar Part No. - AP80P01NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80P02DF APME-AP80P02DF Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.1
AP80P02NF APME-AP80P02NF Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
REV1.1
AP80P04D APME-AP80P04D Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
AP80P04F APME-AP80P04F Datasheet
869Kb / 9P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP80P04NF APME-AP80P04NF Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP80P01NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 12
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com