Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80P10NF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP80P10NF
Description  -100V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP80P10NF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP80P10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP80P10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP80P10NF
-100V P-Channel Enhancement Mode MOSFET
AP80P10NF RVE1.0
永源微電子科技有限公司
Description
The AP80P10NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -100V ID =-80A
RDS(ON) <25mΩ @ VGS=10V (Type:18mΩ)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP80P10NF
PDFN5*6-8L
AP80P10NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-100
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-80
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-56
A
IDM
Pulsed Drain Current2
-300
A
EAS
Single Pulse Avalanche Energy3
174
mJ
IAS
Avalanche Current
-50
A
PD@TC=25℃
Total Power Dissipation4
280
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
25
℃
/W
RθJC
Thermal Resistance Junction-Case1
0.65
℃
/W


Similar Part No. - AP80P10NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80P10D APME-AP80P10D Datasheet
442Kb / 5P
-100V P-Channel Enhancement Mode MOSFET
REV1.1
AP80P10P APME-AP80P10P Datasheet
694Kb / 6P
-100V P-Channel Enhancement Mode MOSFET
AP80P10PT APME-AP80P10PT Datasheet
694Kb / 6P
-100V P-Channel Enhancement Mode MOSFET
AP80P10T APME-AP80P10T Datasheet
694Kb / 6P
-100V P-Channel Enhancement Mode MOSFET
More results

Similar Description - AP80P10NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com